Part Number Hot Search : 
SP25001 PA190 005XX GS3BB 1N5927A REF02CH IR2110C 74HC589D
Product Description
Full Text Search
 

To Download SOT23-8L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74V2G66
DUAL BILATERAL SWITCH
s
s
s
s
s
s
HIGH SPEED: tPD = 0.3ns (TYP.) at VCC = 5V tPD = 0.4ns (TYP.) at VCC = 3.3V LOW POWER DISSIPATION: ICC = 1A(MAX.) at TA = 25C LOW "ON" RESISTANCE: RON =6.5 (TYP.) AT VCC = 5V II/O = 1mA RON = 8.5 (TYP.) AT VCC = 3.3V II/O = 1mA SINE WAVE DISTORTION: 0.04% AT VCC = 3.3V f = 1KHz WIDE OPERATING RANGE: VCC (OPR) = 2V TO 5.5V IMPROVED LATCH-UP IMMUNITY
SOT23-8L
ORDER CODES
PACKAGE SOT23-8L T&R 74V2G66STR
DESCRIPTION The 74V2G66 is an advanced high-speed CMOS DUAL BILATERAL SWITCH fabricated in silicon gate C2MOS technology. It achieves high speed propagation delay and VERY LOW ON resistances while maintaining true CMOS low power consumption. This bilateral switch handles rail to rail analog and digital signals that may vary across the full power supply range (from GND to VCC).
The C input is provided to control the switch and it's compatible with standard CMOS output; the switch is ON (port I/O is connected to Port O/I) when the C input is held high and OFF (high impedance state exists between the two ports) when C is held low. It can be used in many application as Battery Powered System, Test Equipment. It's available in the commercial and extended temperature range in SOT23-8L package. All inputs and output are equipped with protection circuits against static discharge, giving them ESD immunity and transient excess voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
June 2003
1/9
74V2G66
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1, 5 2, 6 7, 3 4 8 SYMBOL 1I/O, 2I/O 1O/I, 2O/I 1C, 2C GND VCC NAME AND FUNCTION Independent Input/Output Independent Output/Input Enable Input (Active HIGH) Ground (0V) Positive Supply Voltage
TRUTH TABLE
CONTROL H L
* : High Impedance State
SWITCH FUNCTION ON OFF *
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VIC VO IIK IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Control Input Voltage DC Output Voltage DC Input Diode Current DC Control Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to VCC + 0.5 -0.5 to +7.0 -0.5 to VCC + 0.5 20 - 20 20 50 50 -65 to +150 300 Unit V V V V mA mA mA mA mA C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VIC VO Top dt/dv Supply Voltage Input Voltage Control Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (note 1) VCC = 5.0V Parameter Value 2 to 5.5 0 to VCC 0 to 5.5 0 to VCC -55 to 125 0 to 20 Unit V V V V C ns/V
1) VIN from 30% to 70% of VCC on control pin
2/9
74V2G66
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 2.0 2.7 to 5.5 2.0 2.7 to 5.5 VIC = VIH VI/O = VCC to GND 5.0(**) II/O 1mA 3.3(*) 3.3(*) 5.0(**) IOFF Input/Output Leakage Current (SWITCH OFF) Switch Input Leakage Current (SWITCH ON, OUTPUT OPEN) Control Input Leakage Current Quiescent Supply Current VIC = VIH VI/O = VCC or GND II/O 1mA VOS = VCC to GND VIS = VCC to GND VIC = VIL VOS = VCC to GND VIC = VIH VIC = 5.5V or GND VI = VCC or GND TA = 25C Min. 1.5 0.7VCC 0.5 0.3VCC 12.5 7.5 8.5 6.5 19 10 10.5 8.5 0.1 Typ. Max. Value -40 to 85C Min. 1.5 0.7VCC 0.5 0.3VCC 23 12 12.5 10 1 Max. -55 to 125C Min. 1.5 0.7VCC 0.5 0.3VCC 27 14 15 12 5 V V Max. Unit
VIH
High Level Input Voltage Low Level Input Voltage ON Resistance
VIL
RON
RON
ON Resistance
5.5
A
IIZ
5.5 0 to 5.5 5.5
0.1 0.1 1
1 1.0 10
5 1.0 20
A A A
IIN ICC
(*) Voltage range is 3.3V 0.3V (**) Voltage range is 5V 0.5V
AC ELECTRICAL CHARACTERISTICS (CL = 50pF, Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 3.3
(*)
Value TA = 25C Min. Typ. 0.4 0.3 5.0 5.0 2.5 2.0 Max. 0.8 0.6 7.5 7.5 4.0 4.0 -40 to 85C Min. Max. 1.2 1.0 9.0 9.0 5.0 5.0 -55 to 125C Min. Max. 2.4 2.0 10.0 10.0 7.0 7.0 ns ns Unit
tPD tPLZ tPHZ tPZL tPZH
Delay Time
5.0(**) Output Disable Time Output Enable Time 3.3(*) 5.0(**) 3.3(*) 5.0
(**)
tr = tf = 6ns RL = 500 RL = 1 K
ns
(*) Voltage range is 3.3V 0.3V (**) Voltage range is 5.0V 0.5V
3/9
74V2G66
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) TA = 25C Min. Typ. 3 10 3.3 5.0 2.5 3 pF Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF Unit
CIN CI/O CPD
Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4
ANALOG SWITCH CHARACTERISTICS (GND = 0V; TA = 25C)
Test Condition Symbol Parameter VCC (V) 3.3(*) 5.0(**) 3.3(*) 5.0(**) 3.3(*) 5.0(**) VIN (Vp-p) 2.75 4 fIN = 1 KHz RL = 10 K, CL = 50 pF Adjust fIN voltage to obtain 0 dBm at VOS. Increase fIN Frequency until dB meter reads -3dB RL = 50, CL = 10 pF VIN is centered at VCC/2 Adjust fIN Voltage to obtained 0dBm at VIS RL = 600, CL = 50 pF, fIN = 1KHz sine wave RL = 600, CL = 50 pF, fIN = 1KHz square wave tr = tf = 6ns Value Unit Typ. 0.04 0.04 150 180 -60 -60 60 60 mV dB MHz %
Sine Wave Distortion (THD) fMAX Frequency Response (Switch ON) Feed through Attenuation (Switch OFF)
Crosstalk (Control 3.3(*) Input to Signal 5.0(**) Output)
(*)Voltage range is 3.3V 0.3V (**) Voltage range is 5.0V 0.5V
4/9
74V2G66
SWITCHING CARACTERISTICS TEST CIRCUIT
FEEDTHROUGH ATTENUATION
BANDWIDTH ATTENUATION
MAXIMUM CONTROL FREQUENCY
CROSSTALK (control to output
5/9
74V2G66
CHANNEL RESISTANCE (RON) ICC (Opr.)
6/9
74V2G66
SOT23-8L MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b C D E E1 e e1 L 0.35 0.90 0.00 0.90 0.22 0.09 2.80 2.60 1.50 0 .65 1.95 0.55 13.7 TYP MAX. 1.45 0.15 1.30 0.38 0.20 3.00 3.00 1.75 MIN. 35.4 0.0 35.4 8.6 3.5 110.2 102.3 59.0 25.6 76.7 21.6 TYP. MAX. 57.1 5.9 51.2 14.9 7.8 118.1 118.1 68.8 mils
7/9
74V2G66
Tape & Reel SOT23-xL MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 3.13 3.07 1.27 3.9 3.9 3.23 3.17 1.37 4.0 4.0 12.8 20.2 60 14.4 3.33 3.27 1.47 4.1 4.1 0.123 0.120 0.050 0.153 0.153 0.127 0.124 0.054 0.157 0.157 13.0 TYP MAX. 180 13.2 0.504 0.795 2.362 0.567 0.131 0.128 0.0.58 0.161 0.161 0.512 MIN. TYP. MAX. 7.086 0.519 inch
8/9
74V2G66
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
9/9


▲Up To Search▲   

 
Price & Availability of SOT23-8L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X